Part Number Hot Search : 
S1D13 KBPC2501 CSC1220A MAX6795 1N4746A 74AC10SC P0618 565RT
Product Description
Full Text Search
 

To Download BUZ61A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 61 A
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS 400 V
ID 11 A
RDS(on) 0.5
Package
Ordering Code
BUZ 61 A
TO-220 AB
C67078-S1341-A3
Maximum Ratings Parameter Symbol Values Unit
Continuous drain current
TC = 27 C
ID
A 11
Pulsed drain current
TC = 25 C
IDpuls
44
IAR E AR E AS
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
ID = 12.5 A, VDD = 50 V, RGS = 25 L = 6.38 mH, Tj = 25 C
12.5 13 mJ
570
V GS P tot
Gate source voltage Power dissipation
TC = 25 C
20
150
V W
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150
C
0.83
75 E 55 / 150 / 56
K/W
Semiconductor Group
1
07/96
BUZ 61 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified
Parameter
Symbol min.
Values typ. max.
Unit
Static Characteristics
Drain- source breakdown voltage
V GS = 0 V, ID = 0.25 mA, Tj = 25 C
V (BR)DSS
V 400 -
Gate threshold voltage
V GS=V DS, ID = 1 mA
V GS(th)
2.1
IDSS
3
4 A
Zero gate voltage drain current
V DS = 400 V, V GS = 0 V, Tj = 25 C V DS = 400 V, V GS = 0 V, Tj = 125 C
IGSS
0.1 10
1 100 nA
Gate-source leakage current
V GS = 20 V, VDS = 0 V
RDS(on)
10
100
Drain-Source on-resistance
V GS = 10 V, ID = 8 A
0.4 0.5
Semiconductor Group
2
07/96
BUZ 61 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Values typ. max. Unit
Transconductance
V DS 2 * ID * RDS(on)max, ID = 8 A
gfs
S 5 11.5 pF 1500 2250
Input capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Ciss
Output capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Coss
Crss
210
315
Reverse transfer capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
td(on)
75
110 ns
Turn-on delay time
V DD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
tr
20
30
Rise time
V DD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
td(off)
65
100
Turn-off delay time
V DD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
tf
260
340
Fall time
V DD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
-
75
100
Semiconductor Group
3
07/96
BUZ 61 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Values typ. max. Unit
Inverse diode continuous forward current
TC = 25 C
IS
A 11
Inverse diode direct current,pulsed
TC = 25 C
ISM
V SD
-
44 V
Inverse diode forward voltage
V GS = 0 V, IF = 25 A
trr
1.1
1.4 ns
Reverse recovery time
V R = 100 V, IF=lS, diF/dt = 100 A/s
Qrr
280
C
Reverse recovery charge
V R = 100 V, IF=lS, diF/dt = 100 A/s
-
3
-
Semiconductor Group
4
07/96
BUZ 61 A
Power dissipation Ptot = (TC)
Drain current ID = (TC)
parameter: VGS 10 V
12 A
160
W Ptot ID 120
10 9 8
100
7 6 5
80
60
4 3 2
40
20 0 0
1 0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
t = 5.5s p 10 s
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
A ID 10 1
DS (o n)
K/W ZthJC 10 -1
100 s
DS
/I
D
=V
1 ms
R
10 ms
D = 0.50 0.20 10
0
10
-2
0.10 0.05 single pulse 0.02 0.01
DC
10 -1 0 10
10
1
10
2
V 10
3
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 61 A
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
26 A 22 ID 20 18 16 14 12 10 8 6 4 2 0 0 4 8 12 16 20
a c
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
1.6
Ptot = 150W
l kj i hg f
a e
VGS [V] a 4.0 b 4.5
b
c
RDS (on) 1.2
d c 5.0
d 5.5 e 6.0 f 6.5
1.0
g 7.0 h 7.5 i j 8.0 9.0
0.8
d
0.6
k 10.0
b l 20.0
0.4 0.2 VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5
e f hg ji k
h j k i 8.0 9.0 10.0 20.0
0.0 V 28 0 2 4 6 8 10 12 14 16 A 20
VDS
ID
Typ. transfer characteristics ID = f (V GS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s
VDS2 x ID x RDS(on)max
16
parameter: tp = 80 s,
V DS2 x ID x RDS(on)max
14 S
A
ID gfs
12 11 10
12
10
9 8
8
7 6
6
5 4
4 3 2 0 0 2 1 0 1 2 3 4 5 6 7 8 V
VGS
10
0
2
4
6
8
10
12
ID
A
15
Semiconductor Group
6
07/96
BUZ 61 A
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 8 A, VGS = 10 V
2.2
Gate threshold voltage VGS (th) = (Tj ) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0 98%
RDS (on) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -60 -20 20 60 100 C 160 98% typ VGS(th)
3.6 3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160 2% typ
Tj
Tj
Typ. capacitances
C = f (VDS)
parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF
C
A IF
10 0
Ciss
10 1
Coss
10
-1
10 0
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V
VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 61 A
Avalanche energy EAS = (Tj) parameter: ID = 12.5 A, VDD = 50 V RGS = 25 , L = 6.38 mH
600 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 15 A
16
V 500 EAS 450 400 10 350 0,2 VDS max 300 250 6 200 150 100 2 50 0 20 0 40 60 80 100 120 C 160 0 20 40 60 80 nC 110 4 8 0,8 VDS max VGS 12
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj)
480 V 460 V(BR)DSS 450 440 430 420 410 400 390 380 370 360 -60 -20 20 60 100 C 160
Tj
Semiconductor Group
8
07/96
BUZ 61 A
Package Outlines
TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ61A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X